Part Number Hot Search : 
100MR ZXBM1017 T1200 8278EBM 07MAA D1080 MAX9981 04597
Product Description
Full Text Search
 

To Download B250-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds13004 rev. 10 - 2 1 of 3 b220/a-b260/a www.diodes.com  diodes incorporated b220/a - b260/a 2.0a surface mount schottky barrier rectifier maximum ratings and electrical characteristics @ t a = 25c unless otherwise specified  guard ring die construction for transient protection  ideally suited for automatic assembly  low power loss, high efficiency  surge overload rating to 50a peak  for use in low voltage, high frequency inverters, free wheeling, and polarity protection application  high temperature soldering: 260c/10 second at terminal  available in lead free finish/rohs compliant version (note 3) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. mechanical data  case: sma/smb  case material: molded plastic . ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solder plated terminal - solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 5, on page 2  polarity: cathode band or cathode notch  marking: type number  approximate weight: sma 0.064 grams smb 0.093 grams no suffix designates smb package a suffix designates sma package dim sma smb min max min max a 2.29 2.92 3.30 3.94 b 4.00 4.60 4.06 4.57 c 1.27 1.63 1.96 2.21 d 0.15 0.31 0.15 0.31 e 4.80 5.59 5.00 5.59 g 0.10 0.20 0.10 0.20 h 0.76 1.52 0.76 1.52 j 2.01 2.30 2.00 2.40 all dimensions in mm a b c d g h e j notes: 1. thermal resistance: junction to terminal, unit mounted on pc board with 5.0 mm 2 (0.013 mm thick) copper pad as heat sink. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v dc. 3. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7. characteristic symbol b220/a b230/a b240/a b250/a b260/a unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 v rms reverse voltage v r(rms) 14 21 28 35 42 v average rectified output current @ t t = 100c i o 2.0 a non-repetitive peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a forward voltage @ i f = 2.0a v fm 0.50 0.70 v peak reverse current @ t a = 25c at rated dc blocking voltage @ t a = 100c i rm 0.5 20 ma typical total capacitance (note 2) c t 200 pf typical thermal resistance, junction to terminal r  jt 20 c/w typical thermal resistance, junction to ambient (note 1) r  ja 25 c/w operating and storage temperature range t j, t stg -65 to +150 c features
ds13004 rev. 10 - 2 2 of 3 b220/a-b260/a www.diodes.com xxxx = product type marking code, ex: b220a (sma package) xxxx = product type marking code, ex: b230 (smb package) = manufacturers code marking yww = date code marking y = last digit of year ex: 2 for 2002 ww = week code 01 to 52 yww xxxx(x) * x = device type, e.g. b260a-13 (sma package); b240-13 (smb package). notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free finish/rohs compliant version part number, please add "-f" suffix to the part number above. example: B250-13-f. device * packaging shipping b2xxa-13 b2xx-13 sma smb 5000/tape & reel 3000/tape & reel ordering information (note 4 & 5)
ds13004 rev. 10 - 2 3 of 3 b220/a-b260/a www.diodes.com 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics b220 thru b240 b250 thru b260 t - 25oc j i pulse width = 300 ms f 0 10 20 30 40 5 0 110100 i , peak forward surge current (a) fsm number of cycles at 60 hz fi g . 3 max non-repetitive peak forward sur g e current single half-sine-wave (jedec method) 10 100 1000 0.1 1 10 100 c , total capacitance (pf) t v , reverse voltage (v) r fi g .4 t y pical total capacitance t = 25c j f = 1mhz 0 20 40 60 80 100 120 140 i , instantaneous reverse current (ma ) r percent of rated peak reverse voltage (%) fi g . 5 t y pical reverse characteristics t = 100c j t = 75c j t = 25c j 100 10 1.0 0.1 0.01 0.001 0 0.5 1.0 25 50 75 100 125 150 i average forward current (a) o, t , terminal temperature (oc) t fi g . 1 forward current deratin g curve 1.5 2.0 2 .5


▲Up To Search▲   

 
Price & Availability of B250-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X